PART |
Description |
Maker |
LT1976 LT1976EFE LT1976IFE LT1976B LT1976HFE LT197 |
High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100渭A Quiescent Current High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100μA Quiescent Current High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100µA Quiescent Current; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 4 A SWITCHING REGULATOR, 230 kHz SWITCHING FREQ-MAX, PDSO16 High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100µA Quiescent Current; Package: TSSOP; No of Pins: 16; Temperature Range: -40° to 125°C 3.5 A SWITCHING REGULATOR, 230 kHz SWITCHING FREQ-MAX, PDSO16 High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100A Quiescent Current
|
Linear Technology, Corp.
|
LT1976 LT1976EFE LT1976IFE |
High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100mA Quiescent Current High Voltage 1.5A/ 200kHz Step-Down Switching Regulator with 100mA Quiescent Current
|
Linear Technology Corporation
|
LT3437EFE LT3437IFE LT3437EFEPBF LT3437EDDTR |
High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100μA Quiescent Current High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100µA Quiescent Current; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 125°C 0.9 A SWITCHING REGULATOR, 240 kHz SWITCHING FREQ-MAX, PDSO16 High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100µA Quiescent Current; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 0.9 A SWITCHING REGULATOR, 240 kHz SWITCHING FREQ-MAX, PDSO10
|
Linear Technology, Corp.
|
LT1578 LT1578CS8-2.5 LT1578IS8-2.5 LT1578-2.5 LT15 |
1.5A, 200kHz Step-Down Switching Regulator(1.5A, 200kHz,步降开关稳压器) CAP 10UF 63V ELECT TG SMD RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS CAP 22UF 63V ELECT TG SMD CAP 22UF 50V ELECT TG SMD CAP 47UF 50V ELECT TG SMD
|
Linear Technology Corporation
|
LT1766 LT1766-5 LT1766EFE LT1766EFE-5 LT1766EGN LT |
5.5V to 60V 1.5A/ 200kHz Step-Down Switching Regulator 5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator
|
LINER[Linear Technology]
|
LT1766EGNTRPBF LT1766EGN-5TR LT1766EGN-5PBF LT1766 |
5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator
|
Linear Technology
|
PG1523 PG1520 PG1522 PG1521 PG1500 |
High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100µA Quiescent Current; Package: TSSOP; No of Pins: 16; Temperature Range: -40 TRANSISTOR | BJT | NPN | 70V V(BR)CEO | 20A I(C) | TO-3 TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 20A I(C) | TO-3 TRANSISTOR | BJT | NPN | 30V V(BR)CEO | 20A I(C) | TO-3 晶体管|晶体管|叩| 30V的五(巴西)总裁|甲一(c)|
|
ON Semiconductor
|
TC115501EMTTR TC115 TC115301ECT TC115301EMTTR TC11 |
The TC115 is a high-efficiency step-up DC/DC converter for small, low input voltage or battery powered sys-tems. This device has ... The TC115 is a high-efficiency step-up DC/DC converter for small, low input voltage or battery powered sys-tems. This device has a guaranteed start-up voltage of 0.9V and a typical supply current of 80 µA. Phase compensation and soft- PFM/PWM Step-Up DC/DC Converter
|
MICROCHIP[Microchip Technology]
|
PE-67300 PE-67200 PE-67100 PE-67050 |
Meets IEC950 insulation requirements 3750VRMS primary to secondary breakdown voltage Frequency range 10kHz to 200kHz
|
Pulse A Technitrol Company
|
BD9012KV BD9012KV-E2 |
Dual-output, high voltage, high-efficiency step-down switching controller
|
Rohm
|
LTC3631EMS8E-3.3-PBF LTC3631EMS8E-3.3-TRPBF LTC363 |
High Effi ciency, High Voltage 100mA Synchronous Step-Down Converter
|
Linear Technology
|
LTC3630AEMSE LTC3630EMSE |
High Efficiency High Voltage 500mA Synchronous Step-Down Converter
|
Linear Technology
|